PART |
Description |
Maker |
0472660011 |
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), 0.76渭m (30渭") Gold (Au) Selective Plating, Matt Tin Pla
|
Molex Electronics Ltd.
|
0015800149 15-80-0149 A-70567-0277 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 14 Circuits, 0.38渭m (15渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 14 Circuits, 0.38μm (15μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0364 15-80-1521 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 52 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 52 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0363 15-80-1501 0015801501 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 50 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0349 15-80-1221 0015801221 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 22 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0346 15-80-1161 0015801161 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 16 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 16 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70567-0343 15-80-1101 0015801101 |
2.54mm (.100) Pitch C-Grid庐 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76渭m (30渭) Gold, (Au) Selective Pla 2.54mm (.100) Pitch C-Grid? Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76μm (30μ) Gold, (Au) Selective Plating
|
Molex Electronics Ltd.
|
A-70280-0280 010-87-9805 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, Dual Row, Vertical, High Temperature, 80 Circuits, 0.76渭m (30渭") Gold (Au) Selective Plating, Tin(Sn) PC Tail Pla 2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 80 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin(Sn) PC Tail Plating, 2.72mm (.107) PC Tail
|
Molex Electronics Ltd.
|
|